kmp_4100c_b02 page 1 of 2 4100 series toroidal surface mount inductors technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232 www.murata-ps.com for full details go to www.murata-ps.com/rohs selection guide order code inductance (10khz, 10mv ac ) inductance range (10khz, 10mv ac ) dc current 1 dc resistance nom. min. - max. max. max. h h a m 412r7c 2.7 2.1 - 3.5 8.1 14 414r7c 4.7 3.3 - 5.4 6.7 18 416r8c 6.8 4.7 - 7.8 5.7 20 41100c 10 7.3 - 12.2 4.7 24 41150c 15 10.6 - 17.6 4.0 28 41220c 22 15.8 - 26.3 3.3 33 41330C 33 23.8 - 39.6 2.7 38 41470c 47 35.5 - 59.2 2.2 62 41680c 68 52.2 - 87.0 1.75 110 41101c 100 75.2 - 125 1.47 158 41151c 150 114 - 189 1.16 247 41221c 220 164 - 274 1.03 377 41331c 330 247 - 412 0.83 462 absolute maximum ratings operating free air temperature range -40c to 85c storage temperature range -40c to 125c soldering information 2 peak re?ow temperature 245?c pin ?nish pure tin dip all speci?cations typical at t a =25c 1 maximum dc current occurs when either the inductance falls to 75% of its nominal value or when its temperature rise reaches 40c, whichever is sooner. 2 for further information, please visit www.murata-ps.com/rohs features rohs compliant 2.7h to 330h surface mount j-std-020c re?ow up to 8.10a i dc ul94 v-0 package materials compact size toroidal construction minimizes emi pick & place compatible backward compatible with sn/pb soldering systems description the 4100 series is a range of surface mount toroidal inductors designed for use in switching power supplies and dc/dc converters. the parts are ideal for applications requiring low pro?le compact components in a surface mount package.
kmp_4100c_b02 page 2 of 2 4100 series toroidal surface mount inductors technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232 www.murata-ps.com murata power solutions, inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. the descriptions contained her ein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. speci?cations are subject to chan ge without notice. ? 2008 murata power solutions, inc. usa: mans?eld (ma), tel: (800) 233 2765, email: sales@murata-ps.com canada: toronto, tel: (866) 740 1232, email: toronto@murata-ps.com uk: milton keynes, tel: +44 (0)1908 615232, email: mk@murata-ps.com france: montigny le bretonneux, tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com germany: mnchen, tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com japan: tokyo, tel: 3-3779-1031, email: sales_tokyo@murata-ps.com osaka, tel: 6-6354-2025, email: sales_osaka@murata-ps.com website: www.murata-ps.jp china: shanghai, tel: +86 215 027 3678, email: shanghai@murata-ps.com guangzhou, tel: +86 208 221 8066, email: guangzhou@murata-ps.com murata power solutions, inc. 11 cabot boulevard, mans?eld, ma 02048-1151 u.s.a. tel: (508) 339-3000 (800) 233-2765 fax: (508) 339-6356 www.murata-ps.com email: sales@murata-ps.com iso 9001 registered package specifications mechanical dimensions recommended footprint details tube outline dimensions all dimensions in mm (inches). package weight 5.6g typ. all dimensions in mm (inches). tube quantity: 25 tube material: antistatic coated clear pvc tube length: 4752mm (18.7010.079) all dimensions in mm (inches). 16.76 (0.660) max. 17.53 (0.690) max. xyyww 41330C 0.127 (0.005) x4 places s 15.58 (0.614) 14.01 (0.552) 9.91 (0.390) max. 15.75 (0.620) 14.99 (0.590) 1.52 (0.060) 18.00 (0.709) 10.10 (0.398) 0.600.15 (0.0240.006)
|